Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702FS-V Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part No. LTV702FS-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702FS-V Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTV702FS-V Datasheet HTML 1Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
PARAMETER
SYMBOL
RATING
UNIT
Forward Current
IF
60
mA
Reverse Voltage
VR
6
V
INPUT
Power Dissipation
P
105
mW
Collector - Emitter Voltage
VCEO
70
V
Emitter - Collector Voltage
VECO
6
V
Collector - Base Voltage
VCBO
70
V
Emitter - Base Voltage
VEBO
6
V
Collector Current
IC
50
mA
OUTPUT
Collector Power Dissipation
PC
160
mW
Total Power Dissipation
Ptot
200
mW
*1
Isolation Voltage
Viso
5,000
Vrms
Operating Temperature
Topr
-55 ~ +100
°C
Storage Temperature
Tstg
-55 ~ +150
°C
*2
Soldering Temperature
Tsol
260
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector,
emitter and base on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : LTV702V ( M, S, STA1 )-V
Page :
5 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn