Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702FM-V Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part No. LTV702FM-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702FM-V Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTV702FM-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 11Page - Lite-On Technology Corporation LTV702FM-V Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs.
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs.
Fig.5 Current Transfer Ratio vs.
Forward Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
Forward voltage V (V)
Forward current I (mA)
F
F
CE
-55
Ta= 75 C
50 C
25 C
0 C
-25 C
Ta= 25 C
I = 30mA
Pc(MAX.)
5mA
10mA
20mA
F
80
R =
500k
100k
2mA
Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Collector-emitter voltage V
(V)
60
40
20
0
-25
0
25
50
75
100 125
50
-25
-55
0
25
125
75
100
200
100
50
150
0
160
0
1
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
50
100
200
500
0
02
46
8
10
5
10
15
20
25
30
35
40
45
0
0
2
5
10
20
50
20
40
80
100
120
140
160
200
180
60
Forward Voltage
o
o
o
o
o
o
o
o
o
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
Forward current I (mA)
F
2mA
3mA
1mA
5mA
Ic= 0.5mA
Ta= 25 C
o
0
2.5
5.0
7.5
10.0
12.5
0
1
2
3
4
5
6
VCE=5V
Ta= 25 C
Part No. : LTV702V ( M, S, STA1 )-V
Page : 10 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn