Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-355T-V Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTV-355T-V
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-355T-V Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTV-355T-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV-355T-V Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
Fig.11 Frequency Response
0
Ta= 25 C
tr
tf
td
ts
vs. Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Frequency f (kHz)
o
o
o
o
o
40
60
80
100
50
100
150
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
0.2
0.05
40
60
80
100
0.1 0.2
0.5
1
2
5
10
0.5
1
2
5
10
20
50
100
200
500
0.02
-20
-10
0
0.1
10
100
1
Resistance
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Load resistance RL(k )
RL
RD
RL
RD
Output
Vcc
IF= 1mA
VCE= 2V
IF= 20mA
IC= 1mA
VCE= 2V
IC= 10mA
VCE= 2V
IC= 2mA
Ta= 25 C
20
1
10
100
1000
10000
100000
20
RL= 10k
1k
100
VCE= 20V
Part No. : LTV-355T-V
Page :
9 of 11
BNS-OD-C131/A4


Similar Part No. - LTV-355T-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-355T LITEON-LTV-355T Datasheet
138Kb / 8P
   Hybrid substrates that require high density mounting Programmable controllers
logo
Shenzhen Tenand Technol...
LTV-355T TENAND-LTV-355T Datasheet
255Kb / 10P
   Property of LITE-ON Only
More results

Similar Description - LTV-355T-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com