Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS0504 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # CRS0504
Description  Standard Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CRS0504 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  CRS0504 Datasheet HTML 1Page - RHOPOINT COMPONENTS CRS0504 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRT Resistor Technology
SRT Resistor Technology GmbH
Fon:
+49 (0)9103 / 7952-0
Ostlandstr. 31
Fax:
+49 (0)9103 / 5128
D-90556 Cadolzburg
E-mail:
info@srt-restech.de
Germany
Internet:
www.srt-restech.de
Standard Chip Resistors
Type: CRS
Sizes: 0504, 0603, 0805, 1206
Features:
• Chip Resistors in Thickfilm
• Resistance element glass-passivated
• Contact areas Nickel-barrier / matte tin
• RF-versions untrimmed
• Resistance values up to 500 MΩ
• Working voltage up to 600 Volts
• Suitable for high vacuum applicatons – no organics
Dimensions:
L = Length, B = Width, D = Thickness, C = Width of wrap around (in mm)
Larger sizes on request
Packaging:
Bulk in plastic bags – minimum quantity 100 pieces per value
Blistertape acc. to IEC 60286-3 – minimum 1000 pieces per value
Reel diameter 180 mm or 330 mm
Ordering Data:
Type – value – tolerance – TCR – packaging
Example: CRS 0805 100K
± 1% - TCR 100 Tape 180 mm
Untrimmed parts are indicated by the extension “NA” in the order code:
Type – value – tolerance – NA – TCR - packaging
Example: CRS 0805 100K
± 1% NA TCR 100 Tape 180 mm
If no requirements for TCR and taping are given the standard value (highest value in table) will be
supplied and packaging is bulk.
Issue 10-2007
Size
L
B
D
C
0504
1.25
+0.15/-0.05
1.0
+0.15/-0.05
0.3
+0.15/-0.05
0.2
+0.2/-0.1
0603
1.5
+0.15/-0.05
0.8
+0.15/-0.05
0.4
+0.15/-0.05
0.2
+0.2/-0.1
0805
2.0
+0.15/-0.05
1.25
+0.15/-0.05
0.4
+0.15/-0.05
0.3
+0.2/-0.1
1206
3.2
+0.15/-0.05
1.5
+0.2/-0.05
0.4
+0.15/-0.05
0.3
+0.2/-0.1
L
B
C
D


Similar Part No. - CRS0504

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CRS0504 WILLOW-CRS0504 Datasheet
255Kb / 2P
   Miniature/Standard Chip Resistors
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
CRS0504 RIEDON-CRS0504 Datasheet
176Kb / 2P
   Thick Film Chip Resistors
CRS0504 RIEDON-CRS0504_13 Datasheet
176Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - CRS0504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RC01 PHILIPS-RC01 Datasheet
80Kb / 11P
   Standard chip resistors
1997 Feb 26
logo
Willow Technologies Ltd
CRS0504 WILLOW-CRS0504 Datasheet
255Kb / 2P
   Miniature/Standard Chip Resistors
logo
Vishay Siliconix
LAE1ACHIP0402KFE96 VISHAY-LAE1ACHIP0402KFE96 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW120647R0JNEA VISHAY-CRCW120647R0JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Bourns Electronic Solut...
CRCW060347K0JNEA BOURNS-CRCW060347K0JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040210M0FKED VISHAY-CRCW040210M0FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K40FKED VISHAY-CRCW04021K40FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04025K11FKED VISHAY-CRCW04025K11FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06032K70FKEA VISHAY-CRCW06032K70FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW060322K1FKEA VISHAY-CRCW060322K1FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com