Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTL2V3SRK Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTL2V3SRK
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTL2V3SRK Datasheet(HTML) 3 Page - Lite-On Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
1500
3200
mcd
IF = 20mA
Note 1
Radiant Intensity
Ie
8.5
43.9
mW/sr
IF = 20mA
Viewing Angle
1/2
28
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
639
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
630
nm
Note 4
Spectral Line Half-Width
∆λ
17
nm
Forward Voltage
VF
2.25
2.7
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE:
1. Luminous intensity is measured with a light sensor and filter
combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is
half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE
chromaticity diagram and represents the single wavelength
which defines the color of the device.
Part No. : LTL2V3SRK
Page :
3
of
9
BNS-OD-C131/A4
Radiometric Intensity (mW/sr at 20mA)
BIN
Min.
Max.
K
8.5
10.2
L
10.2
12.3
M
12.3
14.7
N
14.7
17.7
P
17.7
21.2
Q
21.2
25.4
R
25.4
30.5
S
30.5
36.6
T
36.6
43.9
Note: Tolerance for each bin will be ± 15%


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn