Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTL2V3SRK Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part No. LTL2V3SRK
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTL2V3SRK Datasheet(HTML) 2 Page - Lite-On Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
130
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
50
mA
Derating Linear From 50°C
1.10
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-55°C to + 100°C
Lead Soldering Temperature
[1.6mm(.063") From Body]
260°C for 5 Seconds
Part No. : LTL2V3SRK
Page :
2
of
9
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn