Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTL2V3SRK Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTL2V3SRK
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTL2V3SRK Datasheet(HTML) 1 Page - Lite-On Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on P.C. board or panel.
* I.C. Compatible/low current requirements.
* Popular T-13/4 diameter.
Package Dimensions
Part No.
Lens
Source Color
LTL2V3SRK
Water Clear
AlInGaP Super Red
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL2V3SRK
Page :
1
of
9
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn