Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTH-875-L55 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTH-875-L55
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTH-875-L55 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTH-875-L55 Datasheet HTML 1Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 2Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 3Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 4Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 5Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 6Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 7Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 8Page - Lite-On Technology Corporation LTH-875-L55 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LI T E - ON Only
FEATURES
* NON-CONTCACT SWITCHING.
* FAST SWITCHING SPEED.
* FOR DIRECT PC BOARD OR DUAL-IN-LINE SOCKET MOUNTING.
* CHOICE OF MOUNTING CONFIGURATION.
APPLICATION
* FAX MACHINE
* SCANNER
* COPY MACHINE
* DISK DRIVER
Part Numbering Guide
LTH – 8 X X – X X X
Basic Part Number
Aperture Width in front of Sensor
(5) 5=. 050 in. (1.27mm)
Housing Material
* 1=. 010 in. (. 25mm)
6=Polysulfone , IR Transmissive
Aperture Lengths are 0.06 in. (1.52mm)
7=Polysulfone,Opaque
*Available with Parameter A only
Mechanical and Electrical Spec.
Apreture Width in front of IRED (5)
0=Electrical Parameter A
5= .050 in. (1.27mm)
Lead Spacing : .320 in.(8.13mm)
Mounting Configurations
1=Electrical Parameter B
T=Both Mounting Tabs.
Lead Spacing : .320 in.(8.13mm)
P=Single Mounting Tabs,
2=Electrical Parameter C
Sensor Side
Lead Spacing : .320 in.(8.13mm)
L=Single Mounting Tabs,
5=Electrical Parameter A
Emitter Side
Lead Spacing : .220 in.(5.59mm)
N=No Mounting Tabs.
6=Electrical Parameter B
.
Lead Spacing : .220 in.(5.59mm)
7=Electrical Parameter C
Lead Spacing : .220 in.(5.59mm)
Part No. : LTH-860/LTH-870 SERIRS DATA SHEET
Page :
1
of
10
BNS-OD-C131/A4


Similar Part No. - LTH-875-L55

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTH-872-N55H LITEON-LTH-872-N55H Datasheet
520Kb / 5P
   Photointerrupter
LTH-872-N55T1 LITEON-LTH-872-N55T1 Datasheet
412Kb / 6P
   Photointerrupter
LTH-872-T55T1 LITEON-LTH-872-T55T1 Datasheet
189Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTH-875-L55

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com