Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38000ZI-XXXT Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # SL38000ZI-XXXT
Description  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZI-XXXT Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button SL38000ZI-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 9Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 10Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 11Page - SpectraLinear Inc SL38000ZI-XXXT Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev 1.1, August 7, 2008
Page 10 of 12
SL38000
PCin(pF) =PCout(pF)= [(CL(pF) – Cp(pF)/2)] x 2
Where CL is crystal load capacitor as given by the crystal datasheet and Cp(pF) is the compensation factor for the
total parasitic capacitance at XIN or XOUT pin including PCB related parasitic capacitance.
As an example; if a crystal with CL=18pF is used and Cp=4pF, by using the above formula, PCin=PCout=[(18-(4/2)] x
2 = 32pF. Programming PCin and PCout to 32pF assures that this crystal sees an equivalent load of 18pF and no
other external crystal load capacitor is needed. Deviating from the crystal load specification could cause an increase
in frequency accuracy in ppm. Refer to the Table 5 for the recommended crystal specifications.
Recommended External Crystal Specifications (XO Version)
Parameter
Description
Min
Typ
Max
Unit
Comments
FNOM
Nominal Crystal
Frequency Range
8
-
48
MHz
Fundamental Mode – AT Cut
CL
Nominal Crystal Load
6
12
18
pF
Load for +/-0 ppm Fo resonance
value
R1,1
Equivalent Series
Resistance
20
40
100
Ohm
F-Range: 8.0 to 12.999 MHz
R1,2
Equivalent Series
Resistance
12.5
25
60
Ohm
F-Range: 13.0 to 19.999 MHz
R1,3
Equivalent Series
Resistance
10
20
50
Ohm
F-Range: 20.0 to 48.000 MHz
DL1,1
Crystal Drive Level
-
-
200
µW
F-Range: 8.0 to 19.999 MHz
DL1,2
Crystal Drive Level
-
-
150
µW
F-Range: 20.0 to 48.000 MHz
Co1
Shunt Capacitance
-
4
5.4
pF
SMD Xtals
Co2
Shunt Capacitance
-
5
7.2
pF
Through Hole (Leaded) Xtals
Table 3. Recommended Crystal Specifications


Similar Part No. - SL38000ZI-XXXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000ZI-15AH SILABS-SL38000ZI-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZI-15AHT SILABS-SL38000ZI-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38000ZI-XXXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com