Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38000ZC-XXXT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # SL38000ZC-XXXT
Description  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXXT Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL38000ZC-XXXT Datasheet HTML 1Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 2Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 3Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev 1.1, August 7, 2008
Page 3 of 12
SL38000
Pin Description
Pin
Number
Pin Name
Pin
Type
Pin Description
1
XIN/CLKIN
Input
Crystal oscillator or external clock input.
2
MF-8
Input
Multi function input/output. Programmed as OE, FS. There is no programmable
pull-up/down resistor.
3
MF-9
I/O
Multi function input/output. Programmed as REFOUT-1, OE, PD#, SSON# or
FS. Only programmable pull-up resistor available.
4
VIN
Input
VCXO control pin VIN.
11
CLKOUT-1
or MF-1
I/O
Programmable Clock Output-1. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
12
CLKOUT-8,
SDATA or
MF-10
I/O
Programmed as Clock Output-8 or Serial Data Input or multi function input.
This pin can be programmed as OE, PD#, SSON# or FS. Programmable pull-
up/down resistor is available.
13
CLKOUT-2
or MF-2
I/O
Programmable Clock Output-2. This pin can be programmed as OE, PD#,
SSON# or FS. This pin can be programmed as OE, PD#, SSON# or FS.
Programmable pull-up/down resistor is available.
14
CLKOUT-9,
SCLK or
MF-11
I/O
Programmable Clock Output-9, Serial Data Input Clock or multi function input.
This pin can be programmed as OE, PD#, SSON# or FS. Programmable pull-
up/down resistor is available.
15
CLKOUT-3
or MF-3
I/O
Programmable Clock Output-3. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
16
CLKOUT-4
or MF-4
I/O
Programmable Clock Output-4. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
17
CLKOUT-5
or MF-5
I/O
Programmable Clock Output-5. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
18
CLKOUT-6
or MF-6
I/O
Programmable Clock Output-6. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
19
CLKOUT-7
or MF-7
I/O
Programmable Clock Output-7. This pin can be programmed as OE, PD#,
SSON# or FS. Programmable pull-up/down resistor is available.
24
MF-12
Input
Multi function input. Programmed as OE, PD#, SSON# or FS.
Programmable pull-up/down resistor is available.
25
MF-13
I/O
Multi function input/output. Programmed as REFOUT-2, OE, PD#, SSON# or
FS. Programmable pull-up/down resistor is available.
26
VDDA
Power
Power supply, 3.3V to 2.5V, for PLLs.
27
VDDX
Power
Power supply, 3.3V to 2.5V, for oscillator and core logic.
7
VSSX
Power
Power supply ground for oscillator and core logic.
8
VSSA
Power
Power supply ground for PLLs.
5
VDDO-1
Power
Power supply for CLKOUT-3, 3.3V to 2.5V or 1.8V, VDDO ≤ VDD.
6
VDDO-2
Power
Power supply for CLKOUT-1/2/8/9, 3.3V to 2.5V or 1.8V, VDDO ≤ VDD.


Similar Part No. - SL38000ZC-XXXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38000ZC-XXXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com