Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT-7010A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # DT-7010A
Description  ISDN SPLITTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

DT-7010A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  DT-7010A Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: DT-7010A DATA SHEET
Feature
!
Design to meet, UL94v-0.
!
Including common mode choke inside.
!
Operating temperature range: -10℃ to +60℃.
!
Storage temperature range: -25℃ to +75℃..
Electrical Specifications @ 25°C
Description
LPF
Application
SH/LH
Passband Frequency
DC to 125KHz
Insertion Loss
-0.8dB MAX. @20KHz〜100KHz
-1.2dB MAX. @100KHz〜125KHz
Return Loss
-15dB MIN. @DC to 125KHz
Stopband Frequency
800KHz〜7.9MHz
Attenuation
-70dB MIN.
Impedance
150Ω
Mechanical
Bothhandusa.com
ISDN SPLITTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - DT-7010A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
DT-7006 BOTHHAND-DT-7006 Datasheet
372Kb / 1P
   ISDN SPLITTER
More results

Similar Description - DT-7010A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VD-7010A BOTHHAND-VD-7010A Datasheet
323Kb / 1P
   ISDN SPLITTER
VD-7015K BOTHHAND-VD-7015K Datasheet
321Kb / 1P
   ISDN SPLITTER
VD-7010 BOTHHAND-VD-7010 Datasheet
110Kb / 1P
   ISDN SPLITTER
VD-7064 BOTHHAND-VD-7064 Datasheet
317Kb / 1P
   ISDN SPLITTER
VD-7010B BOTHHAND-VD-7010B Datasheet
259Kb / 1P
   ISDN SPLITTER
VD-7015 BOTHHAND-VD-7015 Datasheet
54Kb / 1P
   ISDN SPLITTER
VD-7023 BOTHHAND-VD-7023 Datasheet
103Kb / 1P
   ISDN SPLITTER
DT-7006 BOTHHAND-DT-7006 Datasheet
372Kb / 1P
   ISDN SPLITTER
logo
XFMRS Inc.
XF4015 XFMRS-XF4015 Datasheet
35Kb / 1P
   ISDN/POTS SPLITTER
XF4015 XFMRS-XF4015 Datasheet
35Kb / 1P
   ISDN/POTS SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com