Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOA8100-XX01-2004 Datasheet(PDF) 1 Page - Emcore Corporation

Part # NMOA8100-XX01-2004
Description  Erbium Doped Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8100-XX01-2004 Datasheet(HTML) 1 Page - Emcore Corporation

  NMOA8100-XX01-2004 Datasheet HTML 1Page - Emcore Corporation NMOA8100-XX01-2004 Datasheet HTML 2Page - Emcore Corporation NMOA8100-XX01-2004 Datasheet HTML 3Page - Emcore Corporation NMOA8100-XX01-2004 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY DATA SHEET | OCTOBER 9, 2008
1of 4
For more information on this and other products:
Contact Sales at EMCORE 626-293-3400, or visit www.emcore.com.
Applications
CATV Supertrunking
Redundant Ring Architectures
High Power Distribution Networks
FTTx networks
Features
High Saturation Output Power up to
27 dBm
Dual Power Supplies, Redundant &
Hot Swappable – AC or DC
Front Panel Optical Input & Output
Monitor ports
SNMPv2 Control Interface
Low Noise Figure for CATV
Wide Input Dynamic Range
Very Stable Output Power Over a
Wide Operating Temperature Range
Optional Automatic Gain Control or
Constant Output Power Operation
Optional Gain Flatness
Specifications
The NMOA8100 series product line is a family of state-of-the-art
high performance CATV erbium doped fiber amplifiers (EDFA).
Packaged in a convenient 1RU housing, this line of fiber amplifiers
uses the latest DSP technology at the core of electrical control
circuitry resulting in superior output power stability & exceptionally
low noise figures demanded by CATV applications.
The NMOA8100 provides very stable optical outputs over a wide
operating temperature range. Internally it is supported with input
and output isolators for enhanced system stability and
performance. Optical power is continuously monitored at the input
and output for automatic power control during operation over a
wide operating temperature range.
The NMOA8100 offers a rich set of features. These include remote
management capability through SNMPv2 and telnet. The
NMOA8100 also supports MIBs specified by SCTE (Society of
Cable Television Engineers) for this product class. Additionally, the
front panel’s LCD and button provides the operator with the option
to both monitor the status of the amplifier and control/operate the
amplifier locally.
NMOA8100 Series Erbium Doped Fiber Amplifier


Similar Part No. - NMOA8100-XX01-2004

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100CGA-XX01-1001 EMCORE-NMOA8100CGA-XX01-1001 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100CGA-XX01-1002 EMCORE-NMOA8100CGA-XX01-1002 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100CGA-XX01-1003 EMCORE-NMOA8100CGA-XX01-1003 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100CGA-XX01-1004 EMCORE-NMOA8100CGA-XX01-1004 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100CGA-XX01-1005 EMCORE-NMOA8100CGA-XX01-1005 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
More results

Similar Description - NMOA8100-XX01-2004

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com