Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0S5-3140 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 6000-0S5-3140
Description  Optical A/B Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0S5-3140 Datasheet(HTML) 1 Page - Emcore Corporation

  6000-0S5-3140 Datasheet HTML 1Page - Emcore Corporation 6000-0S5-3140 Datasheet HTML 2Page - Emcore Corporation 6000-0S5-3140 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY DATA SHEET | JULY 7, 2008
1 of 3
For more information on this and other products:
Contact Sales at EMCORE 626-293-3400, or visit www.emcore.com.
Applications
Fiber Optical Protection Switching
Redundant ring architectures
FTTx networks
Features
Automatic, manual and remote
switching
Auto-switching time less than 25ms
SNMP Control Interface
Front Panel LED indicators
1 RU rack-mount enclosure with choice
of AC or DC power supply
The Model EOS-6000 Optical A/B Switch series product line is a
high performance solution for network protection and optical
redundancy. Packaged in a convenient 1RU housing, this line of
optical switches provides an automatic or manual fiber switching
function to protect the network from inadvertent service outages
due to up-stream optical signal degradation. Each fiber’s optical
signal power level is continuously monitored, as is an adjustable
optical trip threshold for each channel. If the primary fiber’s optical
signal power level falls below the desired optical trip threshold, the
unit automatically switches to the secondary fiber, thus eliminating
the need for intervention of a system operator. The EOS-6000 is
capable of manual switching or can be switched remotely via
SNMP adding optical protection to many system applications.
The EOS-6000 series is designed as a low power, cost effective,
high performance switching solution for applications that demand
reliable and rapid response to changing network conditions.
Figure 1: Redundant Path Configuration for CATV Broadcast
EOS-6000 Optical A/B Switch


Similar Part No. - 6000-0S5-3140

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0S5-3140 EMCORE-6000-0S5-3140 Datasheet
239Kb / 2P
   Optical A/B Switch
More results

Similar Description - 6000-0S5-3140

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000_12 Datasheet
239Kb / 2P
   Optical A/B Switch
MEDALLION2100 EMCORE-MEDALLION2100 Datasheet
407Kb / 4P
   Optical A/B Switch
6000-0S3-1110 EMCORE-6000-0S3-1110 Datasheet
239Kb / 2P
   Optical A/B Switch
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com