Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-4261 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # HSDL-4261
Description  Property of LITE-ON Only
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-4261 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  HSDL-4261 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• VeryHighPowerAlGaAsLEDTechnology
• 870nmWavelength
• T-1¾Package
• LowCost
• LowForwardVoltage:1.4Vat20mA
• HighSpeed:15nsRiseTimes
Applications
• IndustrialIREquipments
• IRPortableInstruments
• ConsumerElectronics
(Opticalmouseetc)
• HighSpeedIRCommunications
(IRLANs,IRModems,IRDonglesetc)
• IRAudio
• IRTelephones
Part Number
Lead Form
Shipping Option
HSDL-4261
Straight
Bulk
Description
The HSDL-4261 Infrared emitter was designed for ap-
plicationsthatrequirehighpower,lowforwardvoltage
and high speed. It utilizes Aluminum Galium Arsenide
(AlGaAs)LEDtechnologyandisoptimizedforspeedand
efficiencyatemissionwavelengthsof870nm.Thematerial
usedproduceshighradiantefficiencyoverawiderange
ofcurrents.TheemitterispackagedinclearT-1¾(5mm)
package.
5.8±0.
5.0±0.
0.7max.
.54
0.50±0.1
CATHODE
FLAT
HSDL - 4261
High-Power T-1¾ (5mm) AlGaAs Infrared (870nm) Lamp
Data Sheet


Similar Part No. - HSDL-4261

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4261 LITEON-HSDL-4261 Datasheet
412Kb / 7P
   IR Emitter and Detector
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
HSDL-4261 BOARDCOM-HSDL-4261 Datasheet
185Kb / 1P
   Optical Mouse Sensor
HSDL-4261 BOARDCOM-HSDL-4261 Datasheet
58Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - HSDL-4261

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com