Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEMT2103 Datasheet(PDF) 3 Page - Emcore Corporation

Part # SEMT2103
Description  1550 nm Externally Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SEMT2103 Datasheet(HTML) 3 Page - Emcore Corporation

  SEMT2103 Datasheet HTML 1Page - Emcore Corporation SEMT2103 Datasheet HTML 2Page - Emcore Corporation SEMT2103 Datasheet HTML 3Page - Emcore Corporation SEMT2103 Datasheet HTML 4Page - Emcore Corporation SEMT2103 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
PRELIMINARY DATA SHEET | MARCH 17, 2008
xEMT 2100 Series 1550nm Transmitter
Notes:
1. Unless stated otherwise all specifications apply over full temperature range.
2. Unless stated otherwise specifications apply for nominal RF input level as defined in section 4, after 5 minute stabilization period.
3. Specifications separated by a slash are port1 / port 2.
4. Tested per Test Configuration Table
5. Noise figure for the EDFA = 4.5 ~ 5.5 dB
6. Corning SMF-28 single mode fiber
7. Receiver responsivity is 0.95 mA/mW, Equivalent noise current is 7 pA/(Hz)1/2
General and Mechanical Specifications
PROPERTY
REQUIREMENT
COMMENTS
Wavelength
1555 +/-5 nm
ITU-grid available
Channel Plan
Custom channel plans available
Optical Connector
SC/APC
Other styles available
Remote interface
RS-232
Custom interfaces available
Operating Temperature
0
°C to 50°C
Storage Temperature
-20
°C to 70°C
Power Consumption
50W max
Agency Listings
FCC: Subpart B. Part 15, class “A”
CE: EN50083-2
Transportation Vibration
GR-2853-CORE
In Shipping package
Transportation Shock
GR-2853-CORE
In Shipping package
Operating Humidity
20% to 85%
Non-condensing
Supply Range
(VAC)
(VDC)
90 to 265 VAC, 50/60 Hz
36 – 60 VDC
Standard
Optional
Enclosure
19.0”W x 15.32”D x 1.72”H
PROPERTY
REQUIREMENT
COMMENTS
Input Power Range
17 +/-1 dBmV/ch 80 NTSC channels
Manual mode
15 +/-1 dBmV/ch 110 NTSC channels
Manual mode
18 +/-1 dBmV/ch 60 PAL channels
Manual mode
16 +/-1 dBmV/ch 89 PAL channels
Manual mode
Input Power Range
19 +/-2 dBmV/ch 80 NTSC channels
CW mode
17 +/-2 dBmV/ch 110 NTSC channels
CW mode
20 +/-2 dBmV/ch 60 PAL channels
CW mode
18 +/-2 dBmV/ch 89 PAL channels
CW mode
Front Panel RF Gain / OMI
Adjustment Range
+2 / -4 dB from nominal setting
CATV Performance can vary slightly
Frequency Range
45MHz – 870MHz
Flatness
+/- 0.50 dB
45MHz - 550MHz
+/- 0.75 dB
45MHz - 870MHz
Input impedance
75
Input Return Loss
16dB min
45MHz - 870MHz
Front Panel RF Tap
-20 +/- 1 dB down from RF input
Front Panel RF Tap Flatness
+/- 1 dB
45MHz - 870MHz


Similar Part No. - SEMT2103

ManufacturerPart #DatasheetDescription
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
logo
Conquer Electronics Co....
SEM CONQUER-SEM Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM.500 CONQUER-SEM.500 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM002 CONQUER-SEM002 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM1.25 CONQUER-SEM1.25 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
More results

Similar Description - SEMT2103

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com