Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTS-1LR-B7-SA-IC Datasheet(PDF) 1 Page - Emcore Corporation

Part # OTS-1LR-B7-SA-IC
Description  Wideband Optical Link
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OTS-1LR-B7-SA-IC Datasheet(HTML) 1 Page - Emcore Corporation

  OTS-1LR-B7-SA-IC Datasheet HTML 1Page - Emcore Corporation OTS-1LR-B7-SA-IC Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OTS-1L
Wideband Optical Link
Optiva® Wideband fiber-optic links are optimized to perform
in the 50 to 3000 MHz frequency range providing transparent
signal transportation for satellite antenna applications. The
unique features of the OTS-1LT series include simple push
button peaking for optimum performance and our
patent-pending SmartGain™ Control, which ensures consistent
performance over varied signal conditions. As with all Emcore
optical products, the highest quality components and modern production
techniques insure that intra-facility links provide the highest performance as a
cost-effective alternative to coaxial cable. They provide much longer
transmission distances than copper cables, simplify network design, ease
installation and even enhance immunity from EMI, RFI and lightning. These
transmitters and receivers take the high RF performance and diverse features
of Emcore’s Ortel technology and combine them into a compact package
compatible with the Optiva® OT-CC-16 chassis.
Features
50 to 3000 MHz optimized for IF, L and S band
satellite signals
30dB adjustable gain range provides
perfect level match for signal distribution
Unique peak optimizer and SmartGain™ control
50 & 75 Ohm BNC or 50 Ohm SMA
Tx & Rx RF power monitors via LED, SMA &
remote
LNB power
SNMP monitoring and control
High-dynamic-range, optically-isolated DFB
lasers run cooler and require less power
Fits in Optiva® enclosures, which support
Daisy Chain™ video, audio and data links.
Hot swap redundant power supplies
virtually eliminate downtime
16, 4, 2, & 1 slot enclosures available
CE & CSA Certified Device
System Design
SATCOM
Optiva® is a completely modular hot-swappable platform. Both 19” rack
mount and compact tabletop or wall-mountable enclosures are available. The
19” rack-mount enclosure (Model OT-CC-16) can support up to 16 insert cards
and provides a single power supply (Model PS-200), or a dual-redundant,
hot-swappable power supply option. Compact enclosures are available with
1, 2 or 4 slots. The one slot (OT-DTCR-1) and two slot (OT-DTCR-2) enclosures
both use an external power supply (PS-9012) and optionally have a standard
2-pin DC power connector for more custom applications. The four-slot 1 RU
enclosure (OT-CC-4) uses an integrated power supply. The Optiva® family’s
existing wide range of video, audio and data transport products include a
unique Daisy-Chain™ feature that multiplexes multiple electrical inputs onto
a single fiber, thus resulting in an extremely capable, yet conveniently flexible,
signal transport system.
atures
50MHz to 3000MHz Wideband Optical Link
Optiva® SERIES Professional Media Transport
Transmitter
Receiver
DC to LNB
S
IN
S
L
P
L
P
R
S
OUT
S
MON
Optimizer
Laser
Photo-
Diode
S
MON
Push button
Copyright © 2009 Emcore Corporation
626 293 3400
satcom-sales@emcore.com
www.emcore.com


Similar Part No. - OTS-1LR-B7-SA-IC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1LR-B7-SA-IC EMCORE-OTS-1LR-B7-SA-IC Datasheet
209Kb / 2P
   Reference Oscillator Link
More results

Similar Description - OTS-1LR-B7-SA-IC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L_12 Datasheet
936Kb / 3P
   Wideband Optical Link
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Hamamatsu Corporation
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com