Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OTP-1HD Datasheet(PDF) 2 Page - Emcore Corporation

Part No. OTP-1HD
Description  HD-SDI & SD-SDI Video
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OTP-1HD Datasheet(HTML) 2 Page - Emcore Corporation

  OTP-1HD Datasheet HTML 1Page - Emcore Corporation OTP-1HD Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Video
Specifications
Values
Standards
SMPTE 292M, 259M
Data Rates
1.485 Gbps; 270 Mbps
Connector
BNC (IEC 60169-8-Gold Plated)
Video Modes
480i/480p, 720p, 1080i
Max Resolution
1920 x 1080 @ 50/60 Hz
Pathological Test Code
RP-178
General
Specifications
Values
Dimensions (Insert Card)
6.3”D x 0.8”W x 4.0”H
Weight
11 oz.
Operating Temperature
-20˚C to +55˚C
Storage Temperature
-40˚C to +85˚C
Humidity
0 to 95% non-condensing
Power Consumption
6 Watts
BER
10
-14
System Latency
< 1 ms
Specifications
Values
Local
Front panel LED status and alert
indicators
Remote
OptivaView
® SNMP
Management Suite
Monitoring & Control
Code
Fiber Type
Wavelength
Optical Budget
Distance
B0
Multimode
850 nm
7 dB
0.2 Km
B1
Multimode
1310 nm
10 dB
1.5 Km
B2
Singlemode
1310 nm
7 dB
10 Km
B2D
Singlemode
1310 nm
12 dB
20 Km
B3
Singlemode
1550 nm
17 dB
40 Km
B3D
Singlemode
1550 nm
25 dB
60 Km
L5
Singlemode
CWDM
Varies
20-70 Km
Optical Specifications
Transmitter
Receiver
OTP-1HDT-B0-XX-IC
OTP-1HDR-B0-XX-IC
OTP-1HDT-B1-XX-IC
OTP-1HDR-B1-XX-IC
OTP-1HDT-B2-XX-IC
OTP-1HDR-B2-XX-IC
OTP-1HDT-B2D-XX-IC
OTP-1HDR-B2D-XX-IC
OTP-1HDT-B3-XX-IC
OTP-1HDR-B3-XX-IC
OTP-1HDT-B3D-XX-IC
OTP-1HDR-B3D-XX-IC
OTP-1HDT-L5-XX-IC
OTP-1HDR-L5-XX-IC
OTP-1HDT-NOC-IC
OTP-1HDR-NOC-IC
Copyright© 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
Optiva® SERIES Professional Media Transport
OTP-1HD
HD-SDI & SD-SDI Video
Models
For ordering, please substitute
“XX” in the model for one of
the following optical
connectors: ST, FC, SC, or LC.
Chromatic dispersion as well
as other losses should also be
taken into account
Stated distances are the
maximum range, shorter
distance may require
attentuation
Functional Diagram
2-Slot
DESKTOP
1-Slot
DESKTOP
4-Slot
1RU RACK
16-Slot
3RU RACK
Enclosure Options
Document Revision 08/4/2008
SMPTE 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 292M, 259M
Video Output
Opti vaVie w®
SNMP
Manage ment
Suite
Opti vaVie w®
SNMP
Manage ment
Suite
OTP-1 HDT
OTP-1 HDR
Opti va®
SNMP
Opti va®
SNMP
Opti va®
Core
Cable
Equalization
Reclocker
Optical
Transmitter
Optical
Recei ver
Opti va®
Core
Cable
Equalization
Reclocker
SMPTE 292M, 259M
Video Output
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Opti va®
Daisy-Chain®
Processing
Opti va®
Daisy-Chain®
Processing
SMPTE 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 292M, 259M
Video Output
Opti vaVie w®
SNMP
Manage ment
Suite
Opti vaVie w®
SNMP
Manage ment
Suite
OTP-1 HDT
OTP-1 HDR
Opti va®
SNMP
Opti va®
SNMP
Opti va®
Core
Cable
Equalization
Reclocker
Optical
Transmitter
Optical
Recei ver
Opti va®
Core
Cable
Equalization
Reclocker
SMPTE 292M, 259M
Video Output
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Daisy-Chaine d
Vi deo/ Audi o/Data
Opti va® Insert Car ds
Opti va®
Daisy-Chain®
Processing
Opti va®
Daisy-Chain®
Processing
Opti va®
Daisy-Chain®
Processing
Opti va®
Daisy-Chain®
Processing


Similar Part No. - OTP-1HD

ManufacturerPart No.DatasheetDescription
Emcore Corporation
Emcore Corporation
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDPR-C2-XX-IC EMCORE-OTP-1HDPR-C2-XX-IC Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDPR-C2D-XX-IC EMCORE-OTP-1HDPR-C2D-XX-IC Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDPT-C2-XX-IC EMCORE-OTP-1HDPT-C2-XX-IC Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDPT-C2D-XX-IC EMCORE-OTP-1HDPT-C2D-XX-IC Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
More results

Similar Description - OTP-1HD

ManufacturerPart No.DatasheetDescription
Emcore Corporation
Emcore Corporation
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
Semtech Corporation
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
Panasonic Semiconductor
Panasonic Semiconductor
ET-MD16SD1 PANASONIC-ET-MD16SD1 Datasheet
56Kb / 1P
   HD/SD-SDI Interface Board
Semtech Corporation
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
Texas Instruments
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
National Semiconductor (TI)
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz