Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5017D Datasheet(PDF) 4 Page - Emcore Corporation

Part # 5017D
Description  Delay Line With Fully Integrated Fiber Optics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5017D Datasheet(HTML) 4 Page - Emcore Corporation

  5017D Datasheet HTML 1Page - Emcore Corporation 5017D Datasheet HTML 2Page - Emcore Corporation 5017D Datasheet HTML 3Page - Emcore Corporation 5017D Datasheet HTML 4Page - Emcore Corporation 5017D Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATA SHEET | JANUARY 2, 2008
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5017-Series Delay Line
Outline Diagram 5017E/F/G/H
Dimensions are in inches.
0.19”
diameter 0.125
0.25
6.00
5.50
6.75
RF IN
6.375
Dimension “X”
35
µ-Sec Max: 4.38 inches
60
µ-Sec Max: 5.38 inches
80
µ-Sec Max: 6.38 inches
110
µ-Sec Max: 7.88 inches
X
RF OUT
POWER ON
DB 9 M
1.117
2.38


Similar Part No. - 5017D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5017 SCHURTER-5017 Datasheet
312Kb / 2P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
202Kb / 3P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
203Kb / 3P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
05.01.2022
logo
List of Unclassifed Man...
5017-009 ETC2-5017-009 Datasheet
172Kb / 3P
   Closeout sale in progress
5017-011 ETC2-5017-011 Datasheet
137Kb / 3P
   NEMA 17 Step Motor
More results

Similar Description - 5017D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
   Fiber Optics
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
   Internal Fiber Delay Line System
logo
Marktech Corporate
MT108SL-UR3 MARKTECH-MT108SL-UR3 Datasheet
110Kb / 2P
   Fiber Optics
logo
Raltron Electronics Cor...
CO-CE8850A-LZ-FREQ-FR5-C RALTRON-CO-CE8850A-LZ-FREQ-FR5-C Datasheet
25Kb / 1P
   FIBER OPTICS - CLOCK
CO-CE7850A-LZ-FREQ-EL RALTRON-CO-CE7850A-LZ-FREQ-EL Datasheet
21Kb / 1P
   FIBER OPTICS - CLOCK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com