Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYSBKS42293-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LYSBKS42293-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYSBKS42293-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LYSBKS42293-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
----
585
Peak
wave
length
?Pnm
Typ.
3.5
----
50
Electrostatic Discharge( * )
ESD
---
V
500
2/6
SBKS
Page
UNIT
Y
Symbol
LYSBKS42293-PF
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
PART NO.
Absolute Maximum Ratings at Ta=25
?
10
120
100
?
?
?A
mW
mA
80
60
IFP
Ir
PD
Topr
Tstg
-20 ~ +80
-30 ~ +100
Viewing
angle
2
? 1/2
(deg)
30
30
Typ.
Min.
Luminous
intensity
@20mA(mcd)
Min.
Max.
Forward
voltage
@20mA(V)
300
150
160
90
----
1.7
4.2
2.6
Dominant
wave
length
?Dnm
Lens
----
475
Emitted
MATERIAL
Blue
Yellow
InGaN/SiC
GaAsP/GaP
Water Clear
COLOR
26
35
Spectral
halfwidth
??nm
Operating Temperature
LYSBKS42293-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
?)
PART NO
Storage Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
30
mA
20
Forward Current
IF
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn