Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LYSBKS42293-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part No. LYSBKS42293-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYSBKS42293-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LYSBKS42293-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
25%
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0
°
-60
°
100%
50%
75%
25%0
-30
°
Directivity Radiation
Package Dimensions
LYSBKS42293-PF
PART NO.
75%
50%
100%
30
°
-60
°
Page 1/6
1.ANODE BLUE
2.COMMON CATHODE
3.ANODE YELLOW
2
1
3
SBKS
Y
3
2
1
18.0MIN
0.5
TYP
2.54TYP
2.0MIN
2.54TYP
2.0MIN
3.0
4.0
1.5 MAX
4.2
6.7
±0.5
5.2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn