Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYSBKS42293-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LYSBKS42293-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYSBKS42293-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LYSBKS42293-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYSBKS42293-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LYSBKS42293-PF
1.25
1.5
Fig.2 Relative Intensity vs. Forward Current
20
10
15
25
30
0.5
0.75
0.25
0
Forward Voltage(V)
5
0
3
45
Forward Current(mA)
1.0
SBK-S CHIP
20
25
30
15
10
5
0
1
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
2
1.0
0.5
Fig.4 Relative Intensity vs. Wavelength
Wavelength (nm)
75
50
100
580
380
0
480
480
430
530
630
680
30
40
20
10
0
0
Fig.3 Forward Current vs. Temperature
Ambient Temperature(
)
25


Similar Part No. - LYSBKS42293-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LYSBKS2063-R1 LIGITEK-LYSBKS2063-R1 Datasheet
121Kb / 7P
   ROUND TYPE LED LAMPS
LYSBKS2063/R1 LIGITEK-LYSBKS2063/R1 Datasheet
121Kb / 7P
   ROUND TYPE LED LAMPS
LYSBKS2092 LIGITEK-LYSBKS2092 Datasheet
106Kb / 6P
   DUAL COLOR LED LAMPS
LYSBKS2093 LIGITEK-LYSBKS2093 Datasheet
130Kb / 7P
   DUAL COLOR LED LAMPS
LYSBKS2093-L11 LIGITEK-LYSBKS2093-L11 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LYSBKS42293-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com