Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JRC0125 Datasheet(PDF) 1 Page - IDEA.lnc.

Part No. JRC0125
Description  Low Profile Right Angle Lens
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDEA [IDEA.lnc.]
Homepage  http://www.ledidea.com
Logo 

JRC0125 Datasheet(HTML) 1 Page - IDEA.lnc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–3
Surface Mount LED J Series for low current or superbright use,
0125 Series Low Profile Right Angle Lens
The 0125 series lamps are miniature chip type designed for two-way surface mounting. Mounted normally, these lamps can be used as
circuit board status indicators or as backlight for switches or key pads. Mounted at right angles these lamps are miniature through the
panel indicators. These lamps are in EIA481 tape and reel packaging with approximately 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC0125
Red
632
20
60
25
160
10
5
3
20
48
2.0
2.4
130
JGC0125
Green
575
20
60
25
160
10
5
1
13
20
2.0
2.4
130
JYC0125
Yellow
591
15
60
25
160
10
5
3
20
49
2.0
2.4
130
JOC0125
Orange
621
18
60
25
160
10
5
3
20
49
2.0
2.4
130
JYOC0125
YelOrng
611
17
60
25
160
10
5
3
20
49
2.0
2.4
130
0.5
1.5
0.8
Suggested pad dimensions
for reflow soldering
0.8
+
-
cathode
mark
0.3
0.3
1.0
0.5
1.7
2.1±.2
0.6
013S-J0125


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn