Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY55140 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LY55140
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LY55140 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LY55140 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LY55140 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LY55140 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LY55140 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LY55140 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LY55140 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
W
L
H
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
L
C/NO:
MADE IN CHINA
W
H
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
1. 1000PCS / BAG
PART NO. LY55140
PACKING SPECIFICATION


Similar Part No. - LY55140

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY55140-L18-PF LIGITEK-LY55140-L18-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY55140-PF LIGITEK-LY55140-PF Datasheet
113Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY55140-S21-PF LIGITEK-LY55140-S21-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY55140-S27-PF LIGITEK-LY55140-S27-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY55140/L18-PF LIGITEK-LY55140/L18-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LY55140

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com