Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A1 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # H11A1
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

H11A1 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  H11A1 Datasheet HTML 1Page - Lite-On Technology Corporation H11A1 Datasheet HTML 2Page - Lite-On Technology Corporation H11A1 Datasheet HTML 3Page - Lite-On Technology Corporation H11A1 Datasheet HTML 4Page - Lite-On Technology Corporation H11A1 Datasheet HTML 5Page - Lite-On Technology Corporation H11A1 Datasheet HTML 6Page - Lite-On Technology Corporation H11A1 Datasheet HTML 7Page - Lite-On Technology Corporation H11A1 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.2
1.5
V
IF=10mA
Reverse Current
IR
10
µA
VR=6V
INPUT
Terminal Capacitance
Ct
18
pF
V=0, f=1MHz
Collector Dark Current
ICEO
50
nA
VCE=10V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
30
V
IC=0.1mA
IF=0
Emitter-Collector
Breakdown Voltage
BVECO
7
V
IE=10
µA
IF=0
Collector-Base
Breakdown Voltage
BVCBO
70
V
IC=0.1mA
IF=0
Collector-Emitter
Capacitance
CCE
12
pF
V=0V, f=1MHZ
Collector-Base Capacitance
CCB
17
pF
VCB=0V, f=1MHZ
OUTPUT
Emitter-Base Capacitance
CEB
25
pF
VEB=0V, f=1MHZ
H11A1
50
H11A2
20
H11A3
20
H11A4
10
*
Current
Transfer
Ratio
H11A5
CTR
30
%
IF=10mA
VCE=10V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.15
0.4
V
IF=10mA
IC=0.5mA
Isolation Resistance
Riso
100
G
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.3
pF
V=0, f=1MHz
Response Time (Rise)
tr
2.8
µs
TRANSFER
CHARACTERISTICS
Response Time (Fall)
tf
4.5
µs
VCC=10V, IF=10mA
RL=100
* CTR
I
I
100%
C
F
Part No. : H11A1 thru H11A5 SERIES
Page :
6of 8
BNS-OD-C131/A4


Similar Part No. - H11A1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Fairchild Semiconductor
H11A1 FAIRCHILD-H11A1 Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
H11A1 QT-H11A1 Datasheet
325Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A1 FAIRCHILD-H11A1 Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1 FAIRCHILD-H11A1 Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com