Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP560J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP560J
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP560J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP560J Datasheet HTML 1Page - Toshiba Semiconductor TLP560J Datasheet HTML 2Page - Toshiba Semiconductor TLP560J Datasheet HTML 3Page - Toshiba Semiconductor TLP560J Datasheet HTML 4Page - Toshiba Semiconductor TLP560J Datasheet HTML 5Page - Toshiba Semiconductor TLP560J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP560J
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5V
10
µA
Capacitance
CT
V=0, f=1MHz
10
pF
Peak off
-state current
IDRM
VDRM=600V
10
1000
nA
Peak on
-state voltage
VTM
ITM=100mA
1.7
3.0
V
Holding current
IH
1.0
mA
Critical rate of rise of
off
-state voltage
dv / dt
Vin=240Vrms, Ta=85°C
(fig.1)
500
V / µs
Critical rate of rise of
commutating voltage
dv / dt(c)
Vin=60 Vrms, IT=15mA
(fig.1)
0.2
V / µs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=6V, RL=100Ω
5
10
mA
Capacitance
(input to output)
CS
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc
Fig.1: dv / dt test circuit
dv / dt (c)
dv / dt
5V, VCC
0V
1
2
3
6
4
Rin
4kΩ
120Ω
VCC
Vin
+
RL


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn