Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP560J Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP560J
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP560J Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP560J Datasheet HTML 1Page - Toshiba Semiconductor TLP560J Datasheet HTML 2Page - Toshiba Semiconductor TLP560J Datasheet HTML 3Page - Toshiba Semiconductor TLP560J Datasheet HTML 4Page - Toshiba Semiconductor TLP560J Datasheet HTML 5Page - Toshiba Semiconductor TLP560J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP560J
2002-09-25
5
Ambient temperature Ta (℃)
Normalized VDRM – Ta
1.4
100
80
0
-40
1.2
1.0
0.8
0.6
0.4
0.2
60
40
20
-20
Ambient temperature Ta (℃)
Normalized IFT – Ta
VT = 6V
100
80
60
20
40
0
-20
3
1.2
1
0.5
0.3
0.1
-40
2
100
80
60
20
40
0
-20
3
1.2
1
0.5
0.3
0.1
-40
2
Ambient temperature Ta (℃)
Normalized IH – Ta
Ambient temperature Ta (℃)
Normalized IDRM – Ta
10
3
80
60
40
20
0
100
10
2
10
1
10
0
VDRM = Rated
10
5
3
2
1.6
1
30
1.2
50
100
300
500
1000
10
Normalized Current –
LED Current Pulse Width
LED current pulse width
Pw (µs)
1.4
1.8


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn