Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32913A3154K189 Datasheet(PDF) 11 Page - EPCOS

Part # B32913A3154K189
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32913A3154K189 Datasheet(HTML) 11 Page - EPCOS

Back Button B32913A3154K189 Datasheet HTML 7Page - EPCOS B32913A3154K189 Datasheet HTML 8Page - EPCOS B32913A3154K189 Datasheet HTML 9Page - EPCOS B32913A3154K189 Datasheet HTML 10Page - EPCOS B32913A3154K189 Datasheet HTML 11Page - EPCOS B32913A3154K189 Datasheet HTML 12Page - EPCOS B32913A3154K189 Datasheet HTML 13Page - EPCOS B32913A3154K189 Datasheet HTML 14Page - EPCOS B32913A3154K189 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Cautions and warnings
Do not exceed the upper category temperature (UCT).
Do not apply any mechanical stress to the capacitor terminals.
Avoid any compressive, tensile or flexural stress.
Do not move the capacitor after it has been soldered to the PC board.
Do not pick up the PC board by the soldered capacitor.
Do not place the capacitor on a PC board whose PTH hole spacing differs from the specified
lead spacing.
Do not exceed the specified time or temperature limits during soldering.
Avoid external energy inputs, such as fire or electricity.
Avoid overload of the capacitors.
The table below summarizes the safety instructions that must always be observed. A detailed de-
scription can be found in the relevant sections of the chapters "General technical information" and
"Mounting guidelines".
Topic
Safety information
Reference chapter
"General technical
information"
Storage conditions
Make sure that capacitors are stored within the
specified range of time, temperature and humidity
conditions.
4.5
"Storage conditions"
Flammability
Avoid external energy, such as fire or electricity
(passive flammability), avoid overload of the
capacitors (active flammability) and consider the
flammability of materials.
5.3
"Flammability"
Resistance to
vibration
Do not exceed the tested ability to withstand
vibration. The capacitors are tested to
IEC 60068-2-6.
EPCOS offers film capacitors specially designed
for operation under more severe vibration regimes
such as those found in automotive applications.
Consult our catalog "Film Capacitors for
Automotive Electronics".
5.2
"Resistance to vibration"
B32911 ... B32916
X1 / 330 V AC
Page 11 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32913A3154K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32913A3154 EPCOS-B32913A3154 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B32913A3154 EPCOS-B32913A3154 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32913A3154 EPCOS-B32913A3154 Datasheet
299Kb / 14P
   Film Capacitors
B32913A3154 EPCOS-B32913A3154 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32913A3154000 EPCOS-B32913A3154000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32913A3154K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com