Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IUGC0428 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IUGC0428
Description  miniature lens type designed for surface mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IUGC0428 Datasheet(HTML) 2 Page - IDEA.lnc.

  IUGC0428 Datasheet HTML 1Page - IDEA.lnc. IUGC0428 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IUGC0428
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +90
°C
Soldering Temperature
Tsol
260 (for 5 seconds)
°C
Electrostatic Discharge
ESD
1000
V
Power Dissipation
Pd
130
mW
Peak Forward Current
(Duty 1/10 @ 1KHz)
IF (Peak)
100
mA
Reverse Voltage
VR
5V
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
600
1000
mcd
IF = 20 mA
Viewing Angle
2
θ1/2
—30
deg
IF = 20 mA
Peak
Wavelength
λp
518
nm
IF = 20 mA
Dominant
Wavelength
λd
525
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
∆λ
—36
nm
IF = 20 mA
Forward Voltage
VF
3.5
4.3
V
IF = 20 mA
Reverse Current
IR
——
50
µA
VR = 5 V


Similar Part No. - IUGC0428

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IUGC0428 IDEA-IUGC0428 Datasheet
26Kb / 1P
   Surface Mount LED
More results

Similar Description - IUGC0428

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC0428 IDEA-JGC0428 Datasheet
102Kb / 2P
   miniature lens type designed for surface mounting
IVGC0178 IDEA-IVGC0178 Datasheet
39Kb / 2P
   miniature lens type designed for surface mounting
JYC0428 IDEA-JYC0428 Datasheet
44Kb / 2P
   miniature lens type designed for surface mounting
ISRC0178 IDEA-ISRC0178 Datasheet
34Kb / 1P
   miniature lens type designed for surface mounting
JYC0175 IDEA-JYC0175 Datasheet
51Kb / 2P
   miniature lens type designed for surface mounting
JYC0178 IDEA-JYC0178 Datasheet
36Kb / 2P
   miniature lens type designed for surface mounting
JRC0428 IDEA-JRC0428 Datasheet
44Kb / 2P
   miniature lens type designed for surface mounting
JGC0175 IDEA-JGC0175 Datasheet
106Kb / 2P
   miniature lens type designed for surface mounting
JRGBC0128 IDEA-JRGBC0128 Datasheet
80Kb / 2P
   miniature chip type designed for surface mounting
JRGC0158 IDEA-JRGC0158 Datasheet
41Kb / 2P
   miniature chip type designed for surface mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com