Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3051 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP3051
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3051 Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3051,TLP3052
2002-09-25
4
Ambient temperature Ta (℃)
IF – Ta
0
120
100
80
60
40
20
0
20
10
20
30
40
50
60
IFP – DR
Duty cycle ratio DR
10
0
3
10
1
3
10
2
3
10
3
3
10
30
50
100
300
500
3000
1000
Pulse width≦100µs
Ta=25℃
Ambient temperature Ta (℃)
IT(RMS)– Ta
0
120
100
80
60
40
20
0
20
20
40
60
80
100
120
IF – VF
Forward voltage VF(V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.3
0.5
1
10
30
100
50
Ta=25℃
5
3
IFP – VFP
Pulse forward voltage VFP (V)
Pulse width≦10µs
Repetitive frequency
=100Hz
Ta=25℃
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Δ
VF / ΔTa – IF
50
3
1
0.5
0.3
0.1
10
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
5
30
Forward current IF (mA)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn