Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3051 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP3051
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3051 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3051,TLP3052
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta ≥ 53°C)
∆IF/°C
-0.7
mA/°C
Peak forward current
(100 µs pulse, 100 pps)
IFP
1
A
Power dissipation
PD
100
mW
Power dissipation derating
(Ta ≥ 25°C)
∆PD/°C
-1.0
mW/°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal
voltage
VDRM
600
V
Ta = 25°C
100
On
-state RMS
current
Ta = 70°C
IT(RMS)
50
mA
On
-state current derating
(Ta ≥ 25°C)
∆IT/°C
-1.1
mA/°C
Peak on
-state current
(100µs pulse, 120 pps)
ITP
2
A
Peak nonrepetitive surge
current (Pw = 10 ms, DC = 10%)
ITSM
1.2
A
Power dissipation
PD
300
mW
Power dissipation derating
(Ta ≥ 25°C)
∆PD/°C
-4.0
mW/°C
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~150
°C
Operating temperature range
Topr
-40~100
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Total package power dissipation
PT
330
mW
Total package power dissipation
derating (Ta ≥ 25°C)
∆PT/°C
-4.4
mW/°C
Isolation voltage
(AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
5000
Vrms
(Note 1) Device considered a two terminal device: Pins 1, 2 and 3 shorted together and pins 4 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF*
15
20
25
mA
Peak on
-state current
ITP
1
A
Operating temperature
Topr
-25
85
°C
In the case of TLP3052


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn