Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVY9353 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVY9353
Description  AXIAL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVY9353 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVY9353 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVY9353 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
V
2000
Esd
Electrostatic Discharge
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
MATERIAL
Typical Electrical & Optical Characteristics (Ta=25
)
LVY9353
AlGaInP
PART NO
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
20
Water Clear
Yellow
590
Emitted
Lens
COLOR
24
1.7
2.6
40
84
Min.
Min. Max.
Typ.
Soldering Temperature
Peak Forward Current
Duty 1/10@10KHz
Storage Temperature
Operating Temperature
Reverse Current @5V
Power Dissipation
Forward Current
-40 ~ +85
Max 260
for 5 sec Max
-40 ~ +100
Tsol
Topr
Tstg
PD
Ir
IFP
IF
75
mW
10
μA
60
30
mA
mA
Absolute Maximum Ratings at Ta=25
Parameter
Page 2/6
Absolute Maximum Ratings
Symbol
VY
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LVY9353


Similar Part No. - LVY9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVY9033 LIGITEK-LVY9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LVY9033-T-TR2 LIGITEK-LVY9033-T-TR2 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR1 LIGITEK-LVY9033-TR1 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR2 LIGITEK-LVY9033-TR2 Datasheet
105Kb / 9P
   SURFACE MOUNT TYPE AND REEL
LVY9033/T/TR2 LIGITEK-LVY9033/T/TR2 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
More results

Similar Description - LVY9353

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF9033 LIGITEK-LURF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LVG9353 LIGITEK-LVG9353 Datasheet
84Kb / 7P
   AXIAL TYPE LED LAMPS
LHRF9033 LIGITEK-LHRF9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LHY9033 LIGITEK-LHY9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUE9033 LIGITEK-LUE9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LUY9033 LIGITEK-LUY9033 Datasheet
1Mb / 7P
   AXIAL TYPE LED LAMPS
LG9033 LIGITEK-LG9033 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LVG9253-1M LIGITEK-LVG9253-1M Datasheet
119Kb / 7P
   AXIAL TYPE LED LAMPS
LDBK9253-1 LIGITEK-LDBK9253-1 Datasheet
123Kb / 7P
   AXIAL TYPE LED LAMPS
LUG9253-1M LIGITEK-LUG9253-1M Datasheet
70Kb / 5P
   AXIAL TYPE LED LAMPS
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
   AXIAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com