Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU3S041 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # LU3S041
Description  1X3 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU3S041 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  LU3S041 Datasheet HTML 1Page - Bothhand USA, LP. LU3S041 Datasheet HTML 2Page - Bothhand USA, LP. LU3S041 Datasheet HTML 3Page - Bothhand USA, LP. LU3S041 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA.
1X3 RJ45 CONNECTOR MODULE WITH INTEGRATED
10/100 BASE-TX MAGNETICS
LU3S049
Physical char : 1. Plastic Material : PBT 15% Glass Filled( UL 94V-0 ), Black Housing
2. Metal Shield : Brass C2680-H, 20u Nickel Plated, t=0.25mm
3. Spring Wire : 0.45mm Dia. Phosphor bronze over with 6u gold plated
4. Solder Pin : 0.4x0.4mm, Phosphor bronze with solder Solder plated
5. Durability : 300 Mating cycles Min.
PCB Layout Mounting Hole (Top View)
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
LU3SXXXX
LU3S049


Similar Part No. - LU3S041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LU30 MACOM-LU30 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
Seoul Semiconductor
LU300Z SEOUL-LU300Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LU301 SEOUL-LU301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LU301 SEOUL-LU301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LU301 SEOUL-LU301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LU3S041

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041XLF BOTHHAND-LU4S041XLF Datasheet
108Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PU1T041FN1 BOTHHAND-PU1T041FN1 Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com