Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP120 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TLP120
Description  Programmable Controllers AC / DC.Input Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP120 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP120 Datasheet HTML 1Page - Toshiba Semiconductor TLP120 Datasheet HTML 2Page - Toshiba Semiconductor TLP120 Datasheet HTML 3Page - Toshiba Semiconductor TLP120 Datasheet HTML 4Page - Toshiba Semiconductor TLP120 Datasheet HTML 5Page - Toshiba Semiconductor TLP120 Datasheet HTML 6Page - Toshiba Semiconductor TLP120 Datasheet HTML 7Page - Toshiba Semiconductor TLP120 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP120
2002-09-25
6
ICEO - Ta
Ambient temperature Ta (°C)
10
1
120
100
80
60
40
20
0
24V
10V
5V
VCE = 48V
10
0
10
-1
10
-2
10
-3
10
-4
IC – VCE
Collecor-emitter voltage VCE (V)
50
0
40
2
4
6
8
10
30
20
0
10
Ta = 25°C
10mA
15mA
20mA
50mA
PC(MAX)
IF = 5mA
30mA
Forward current IF (mA)
30
0.3
1
10
3
0.3
3
100
1
5
50
100
30
10
0.5
0.5
5
Ta = 25°C
SAMPLE B
SAMPLE A
VCE = 10V
VCE = 5V
VCE = 0.4V
50
IC / IF - IF
Forward current IF (mA)
100
50
30
10
5
3
0.5
1
1000
500
300
100
50
30
SAMPLE B
SAMPLE A
Ta = 25°C
0.3
VCE = 10V
VCE = 5V
VCE = 0.4V
IC - VCE
30
0
0.2
0.4
0.6
0.8
20
10
0
Collector-emitter voltage VCE (V)
Ta = 25°C
1.0
20mA
30mA
40mA
10mA
5mA
2mA
IF = 50mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn