Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP120 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP120
Description  Programmable Controllers AC / DC.Input Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP120 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP120 Datasheet HTML 1Page - Toshiba Semiconductor TLP120 Datasheet HTML 2Page - Toshiba Semiconductor TLP120 Datasheet HTML 3Page - Toshiba Semiconductor TLP120 Datasheet HTML 4Page - Toshiba Semiconductor TLP120 Datasheet HTML 5Page - Toshiba Semiconductor TLP120 Datasheet HTML 6Page - Toshiba Semiconductor TLP120 Datasheet HTML 7Page - Toshiba Semiconductor TLP120 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP120
2002-09-25
5
Ambient temperature Ta (°C)
60
120
40
80
20
0
80
60
40
20
0
IF – Ta
100
-20
100
PC – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
40
80
120
200
- 20
160
0
100
120
IFP – DR
Duty cycle ratio DR
3000
3
1000
500
50
10
10
0
10
-1
10
-2
10
-3
3
3
3
300
100
30
Δ
VF / ΔTa – IF
Forward current IF (mA)
0.1
0.3
3
5
50
1
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
30
10
0.5
IFP - VFP
Pulse forward voltage VFP (V)
1000
300
50
30
3.0
2.6
2.2
1.8
1.4
0.6
10
100
5
3
1
Pulse width ≤ 10µs
Repetitive
Frequency = 100Hz
Ta = 25°C
500
1.0
IF - VF
Forward voltage VF (V)
100
0.4
3
30
0.5
0.8
1.2
1.6
0.1
1.8
1.4
0.3
1
5
10
50 Ta = 25°C
1.0
Pulse width ≤ 100µs
Ta = 25°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn