Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT2400-18E Datasheet(PDF) 2 Page - Semikron International

Part # SKT2400-18E
Description  Line Thyristor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKT2400-18E Datasheet(HTML) 2 Page - Semikron International

  SKT2400-18E Datasheet HTML 1Page - Semikron International SKT2400-18E Datasheet HTML 2Page - Semikron International SKT2400-18E Datasheet HTML 3Page - Semikron International SKT2400-18E Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1L Power dissipation vs. on-state current
Fig. 1R Power dissipation vs. ambient temperature
Fig. 2 Rated on-state current vs. case temperature
Fig. 2R Rated on-state current vs. case temperature
Fig. 3 Recovered charge vs. current decrease
Fig. 4 Transient thermal impedance vs. time
RECTIFIER,DIODE,THYRISTOR,MODULE
2
23-07-2009 MAJ
© by SEMIKRON


Similar Part No. - SKT2400-18E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT2400 SEMIKRON-SKT2400 Datasheet
823Kb / 4P
   Line Thyristor
SKT2400/12E SEMIKRON-SKT2400/12E Datasheet
823Kb / 4P
   Line Thyristor
SKT2400/14E SEMIKRON-SKT2400/14E Datasheet
823Kb / 4P
   Line Thyristor
SKT2400/16E SEMIKRON-SKT2400/16E Datasheet
823Kb / 4P
   Line Thyristor
SKT2400/18E SEMIKRON-SKT2400/18E Datasheet
823Kb / 4P
   Line Thyristor
More results

Similar Description - SKT2400-18E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT160 SEMIKRON-SKT160 Datasheet
622Kb / 4P
   Line Thyristor
SKT2000 SEMIKRON-SKT2000 Datasheet
831Kb / 4P
   Line Thyristor
SKT50 SEMIKRON-SKT50_10 Datasheet
527Kb / 5P
   Line Thyristor
SKT300 SEMIKRON-SKT300 Datasheet
618Kb / 4P
   Line Thyristor
SKT50 SEMIKRON-SKT50 Datasheet
549Kb / 4P
   Line Thyristor
SKT250 SEMIKRON-SKT250 Datasheet
631Kb / 4P
   Line Thyristor
SKT340 SEMIKRON-SKT340 Datasheet
848Kb / 4P
   Line Thyristor
SKT1200 SEMIKRON-SKT1200 Datasheet
849Kb / 4P
   Line Thyristor
SKT2000 SEMIKRON-SKT2000_09 Datasheet
633Kb / 4P
   Line Thyristor
SKT1400 SEMIKRON-SKT1400_09 Datasheet
618Kb / 4P
   Line Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com