Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NU1S041C-XXX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. NU1S041C-XXX
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLED
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOTHHAND [Bothhand USA, LP.]
Homepage  http://www.bothhandusa.com
Logo 

NU1S041C-XXX Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLED
P/N: NU1S041C-XXX
Page : 1/2
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
Complies with requirement of IEEE802.3u standards.
!
RJ 45 connector with 10/100 BASE-TX magnetic.
!
Operating temperature range: 0℃to +70℃.
!
Storage temperature range: -40℃to +85℃.
Code
1
3
4
Empty
LED Color
Red
Yellow
Green
No LED
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
Inductance(uH Min)
@ 100 KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
Leakage Inductance
(uH Max)
Voltage isolation
(Vrms)
NU1S041C-XXX
1CT:1CT
1CT:1CT
350
28
0.4
1500
Continue
Insertion Loss
(dB Max)
Return Loss
TX/RX(dB Min)
Cross talk
(dB Min)
Common Mode
Rejection Ratio
TX/RX(dB Min)
Part
Number
0.3-100MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 0.3-60MHz
60-100MHz
NU1S041C-XXX
-1.15
-16
-14
-13.5
-13
-10
-40
-38
-45/-40
-40/-35
Schematic


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn