Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-322SURWA Datasheet(PDF) 2 Page - IDEA.lnc.

Part # ELS-322SURWA
Description  common anode seven segment display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

ELS-322SURWA Datasheet(HTML) 2 Page - IDEA.lnc.

  ELS-322SURWA Datasheet HTML 1Page - IDEA.lnc. ELS-322SURWA Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings at Ta = 25 ˚C
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
˚C
Storage Temperature
Tstg
-40 to +100
˚C
Soldering Temperature
Tsol
260 ± 5
˚C
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @ 1 KHz)
IF(Peak)
160
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous
Intensity
Per segment
IV
2.8
4.5
mcd
IF = 10 mA
Per decimal
point
0.5
0.8
Peak Wavelength
λp
632
nm
IF = 20 mA
Dominant Wavelength
λd
624
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
Δλ
20
nm
IF = 20 mA
Forward Voltage
VF
2.0
2.4
V
IF = 20 mA
Reverse Current
IR
100
μA
VR = 5 V
ELS-322SURWA/S530-A2
Page 2 of 2
* Specifications subject to change without notice. Dimensions are in mm ±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
0510


Similar Part No. - ELS-322SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-322SURWA EVERLIGHT-ELS-322SURWA Datasheet
124Kb / 7P
   0.3 Single Digit Displays
ELS-322SURWA-S530-A3 EVERLIGHT-ELS-322SURWA-S530-A3 Datasheet
130Kb / 7P
   0.3" Single Digit Displays
ELS-322SURWA/S530-A3 EVERLIGHT-ELS-322SURWA/S530-A3 Datasheet
124Kb / 7P
   0.3 Single Digit Displays
More results

Similar Description - ELS-322SURWA

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ELD426GWA IDEA-ELD426GWA Datasheet
129Kb / 2P
   common anode seven segment display
ELS-322EWA IDEA-ELS-322EWA Datasheet
105Kb / 2P
   common anode seven segment display
logo
List of Unclassifed Man...
LDT-M514RI ETC1-LDT-M514RI Datasheet
36Kb / 1P
   TRIPLE DIGT SEVEN SEGMENT DISPLAY RED, COMMON ANODE
logo
NTE Electronics
NTE3052 NTE-NTE3052 Datasheet
23Kb / 3P
   0.3??Single Digit Numeric Display, Seven Segment, Common Anode
NTE3061 NTE-NTE3061 Datasheet
23Kb / 3P
   0.3??Single Digit Numeric Display, Seven Segment, Common Anode
NTE3050 NTE-NTE3050 Datasheet
21Kb / 2P
   Seven Segment LED Display .270 Inch, Common Anode, LHDP
logo
IDEA.lnc.
ELD425GWA IDEA-ELD425GWA Datasheet
127Kb / 2P
   common cathode seven segment display
ELD425GWA IDEA-ELD425GWA Datasheet
127Kb / 2P
   common cathode seven segment display
logo
LUMEX INC.
LDS-SMA3008RI-SOTR LUMEX-LDS-SMA3008RI-SOTR Datasheet
95Kb / 1P
   SMT 7 SEGMENT DISPLAY COMMON ANODE
LDS-SMA4002RIUPGTR LUMEX-LDS-SMA4002RIUPGTR Datasheet
101Kb / 1P
   SMT 7 SEGMENT DISPLAY COMMON ANODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com