Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP1037A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP1037A
Description  DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1037A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP1037A Datasheet HTML 1Page - Toshiba Semiconductor TLP1037A Datasheet HTML 2Page - Toshiba Semiconductor TLP1037A Datasheet HTML 3Page - Toshiba Semiconductor TLP1037A Datasheet HTML 4Page - Toshiba Semiconductor TLP1037A Datasheet HTML 5Page - Toshiba Semiconductor TLP1037A Datasheet HTML 6Page - Toshiba Semiconductor TLP1037A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP1037A
2002-09-20
1
TOSHIBA Photointerrupter Infrared LED + Photo IC
TLP1037A
Domestic electrical appliances such as VTRs and
CD players
Office equipment such as photocopiers, printers
and fax machines
Vending machines, bank ATMs and automatic
ticket machines
Position detectors
The TLP1037A is a high-withstanding-voltage
photo-interrupter for digital output. The device combines a
high-optical-output GaAs infrared LED with a high-sensitivity,
high-gain Si photo-IC. The photo-IC, which supports a wide
range of systems (3.3 V to 12 V), enables the device to consume
less power than conventional devices. The device also features
a narrow slit width and high resolution.
The device is housed in a deep-slot package.
· Deep-slot package (detection slot depth: 12 mm)
· Designed for direct mounting on printed circuit boards
(positioning pins included)
· Gap: 5 mm
· Resolution: slit width 0.5 mm
· Digital output (open-collector, high-level output when no light is present)
· Direct connection to logic IC
· Power supply voltage: VCC = 2.7 V~15 V
· Switching time: tpLH = 15 µs (max)
· Detector impermeable to visible light
· Package material: Polybutylene-terephthalate (UL94V-0, black)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
(Ta
> 25°C)
-0.33
Forward current derating
(Ta
> 85°C)
DIF/°C
-2
mA/°C
Reverse voltage
VR
5
V
Supply voltage
VCC
15
V
Output voltage
VO
15
V
Low-level output current (Ta
= Topr)
IOL
16
mA
Operating temperature
Topr
-30~95
°C
Storage temperature
Tstg
-40~100
°C
Soldering temperature (5 s)
(Note 1)
Tsol
260
°C
Note 1: Soldering is performed 1.5 mm from the bottom of the package.
TOSHIBA
Weight: 1 g (typ.)


Similar Part No. - TLP1037A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1031A TOSHIBA-TLP1031A Datasheet
149Kb / 7P
    TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1032F TOSHIBA-TLP1032F Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1033A TOSHIBA-TLP1033A Datasheet
161Kb / 7P
   TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1033A TOSHIBA-TLP1033A Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
More results

Similar Description - TLP1037A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
   Home Electronics Equipment Such As VCRS And CD Players
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com