Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVY2640-1-T Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVY2640-1-T
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVY2640-1-T Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVY2640-1-T Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVY2640-1-T Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVY2640-1-T Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVY2640-1-T Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVY2640-1-T Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
IFP
PD
IF
Tstg
Topr
Tsol
ESD
Symbol
Typical Electrical & Optical Characteristics (Ta=25
)
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Storage Temperature
Soldering Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
PART NO. LVY2640-1/T
75
-40 ~ +100
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +85
Ir
2000
10
Ratings
VY
60
30
mW
V
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/4
50
Viewing
angle
2
θ1/2
(deg)
Min.
30
2
Min.
1.8
Forward
voltage
@
mA(V)
Max.
2.2
Dominant
wave
length
λDnm
590
Spectral
halfwidth
△λnm
20
Typ.
Luminous
intensity
@2mA(mcd)
45
Emitted
Yellow
PART NO
LVY2640-1/T
MATERIAL
AlGaInP
Lens
COLOR
Yellow Diffused
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


Similar Part No. - LVY2640-1-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVY2640-1-AS-H-PF LIGITEK-LVY2640-1-AS-H-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVY2640-1-AS/H-PF LIGITEK-LVY2640-1-AS/H-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LVY2640-1-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com