Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVY9UG42293-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVY9UG42293-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVY9UG42293-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVY9UG42293-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVY9UG42293-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Yellow
Green
AlGaInP
LVY9UG42293-PF
20
595
Water Clear
574
20
Emitted
Lens
900
30
550
2.6
1.7
350
1.7
2.6
550
30
Min.
Min.
Max.
Typ.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
-30 ~ +100
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
MATERIAL
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
COLOR
*
Storage Temperature
Tstg
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Absolute Maximum Ratings
-20 ~ +80
Peak Forward Current
Duty 1/10@10KHz
10
Ir
Reverse Current @5V
Electrostatic Discharge( * )
Operating Temperature
2000
ESD
Topr
Power Dissipation
75
PD
IFP
60
Symbol
Forward Current
Parameter
IF
30
VY
Absolute Maximum Ratings at Ta=25
μA
10
V
500
mW
75
60
mA
30
mA
9UG
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
LVY9UG42293-PF
PART NO.
AlGaInP


Similar Part No. - LVY9UG42293-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVY9UG2363-PF LIGITEK-LVY9UG2363-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LVY9UG42293-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com