Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUGUG3363 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUGUG3363
Description  BIPOLAR ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUGUG3363 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUGUG3363 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUGUG3363 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUGUG3363 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUGUG3363 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUGUG3363 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
500
0.0
0.5
550
600
650
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.1
1.0
0.9
1.2
20
060
40
100
80
100
20
Ambient Temperature(
)
-20
-40
060
40
80
Typical Electro-Optical Characteristics Curve
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
1.0
10
UG CHIP
1000
2.0
3.0
1000
Forward Current(mA)
1.0
10
100
4.0
5.0
PART NO. LUGUG3363
Page3/4


Similar Part No. - LUGUG3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUGUG3360 LIGITEK-LUGUG3360 Datasheet
69Kb / 5P
   BIPOLAR ROUND TYPE LED LAMPS
More results

Similar Description - LUGUG3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFSGM3362-R1 LIGITEK-LSRFSGM3362-R1 Datasheet
518Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRFUG3362-R1-PF LIGITEK-LSRFUG3362-R1-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LEG3363-PF LIGITEK-LEG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363-PF LIGITEK-LSRSR3363-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVG3363-PF LIGITEK-LVYVG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVY3360 LIGITEK-LVYVY3360 Datasheet
66Kb / 5P
   BIPOLAR ROUND TYPE LED LAMPS
LII3360-PF LIGITEK-LII3360-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363 LIGITEK-LSRSR3363 Datasheet
110Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LYG3363-PF LIGITEK-LYG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363 LIGITEK-LURHUYH3363 Datasheet
109Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363-PF LIGITEK-LURHUYH3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com