Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LUGUG3360 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LUGUG3360
Description  BIPOLAR ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LUGUG3360 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Topr
Operating Temperature
-40 ~ +85
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Green
Soldering Temperature
MATERIAL
PART NO
LUGUG3360
AlGaInP
Storage Temperature
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λDnm
Green Diffused
Emitted
Lens
574
20
2.6
Max.
1.7
Min.
28
Min.
30
50
Typ.
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +100
COLOR
Tsol
Tstg
Absolute Maximum Ratings at Ta=25
Electrostatic Discharge
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
Page 2/4
2000
Ratings
IF
ESD
Ir
PD
IFP
Symbol
mA
30
10
100
120
μA
V
mA
mW
UG
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LUGUG3360
30
1.7
2.6
20
574
AlGaInP
Green
21
38
Green Diffused


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn