Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUG55543-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUG55543-PF
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUG55543-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUG55543-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUG55543-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUG55543-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUG55543-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUG55543-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUG55543-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1/5
3.45
1.2
4.0
Page
LUG55543-PF
Package Dimensions
PART NO.
0.5
TYP
1.5MAX
1.0MIN
2.54TYP
+
-
0
°
30
°
100%
50%
0
25%
75%
60
°
Directivity Radiation
-30
°
50%
100% 75%
-60
°
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
25%
25.0MIN


Similar Part No. - LUG55543-PF

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUG56C SUNLED-LUG56C Datasheet
172Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP
LUG56D SUNLED-LUG56D Datasheet
172Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP
logo
LIGITEK electronics co....
LUG5730-PF LIGITEK-LUG5730-PF Datasheet
124Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results

Similar Description - LUG55543-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF45840 LIGITEK-L9SEF45840 Datasheet
129Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LUY5730-PF LIGITEK-LUY5730-PF Datasheet
123Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SR5230 LIGITEK-L8SR5230 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVY5230 LIGITEK-LVY5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSR45840-PF LIGITEK-LSR45840-PF Datasheet
127Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSRF9UG85093-PF LIGITEK-LSRF9UG85093-PF Datasheet
370Kb / 7P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG5730 LIGITEK-L9UG5730 Datasheet
126Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com