Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUG3833-W63 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUG3833-W63
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUG3833-W63 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUG3833-W63 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUG3833-W63 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUG3833-W63 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUG3833-W63 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUG3833-W63 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
-60
°
100%
60
°
100%
0
25%
75% 50%
75%
25%
50%
0
°
-30
°
30
°
PART NO. LUG3833-W63
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/4
Package Dimensions
5.0
2.1
5.0
±0.5
8.7
7.7
+ -
Thermo-shrinking tube
24.0
±1.5
1016
±15.5
RED
WIRE
BLACK
WIRE
1007.3
±15.5
RED
WIRE
BLACK
WIRE
0.8


Similar Part No. - LUG3833-W63

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUG3833-W64 LIGITEK-LUG3833-W64 Datasheet
100Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUG3833-W63

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF4733-PF LIGITEK-LURF4733-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4733-PF LIGITEK-LVG4733-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4630-T-PF LIGITEK-LSR4630-T-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4733-PF LIGITEK-LSR4733-PF Datasheet
80Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR14140-PF LIGITEK-LSR14140-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUR4733H-PF LIGITEK-LUR4733H-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4731-PF LIGITEK-LVY4731-PF Datasheet
172Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
L9UG4843-PF LIGITEK-L9UG4843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4733-PF LIGITEK-LVY4733-PF Datasheet
76Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY14140-PF LIGITEK-LVY14140-PF Datasheet
108Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LHRF4333-PF LIGITEK-LHRF4333-PF Datasheet
110Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com