Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5400 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. S5400
Description  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5400 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5400 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared : Luo Ming Li
Approved: Xuwenbing
Date : 2001/06/26
Drawing no.: ISDN Transformer
REV.: A0
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMER
P/N: S5400 DATA SHEET
A. Electrical Specifications@25°C
1. Turns Ratio(± 2%) : 1:2 PIN 1-2:5-6 & 3-4:5-6
2. Inductance : 1.5 mH Min @ 100KHz/0.02Vrms.
3. Cw/w: 25 pF Max PIN 5-6 to 1-2=5-6 to 3-4
4. Leakage Inductance : 1.2 uH Max PIN 5-6 with(3-4)short & 5-6 with(1-2)short @ 100KHz/0.02Vrms
5. DCR : 0.45
? Max PIN 1-2 , 3-4
6. DCR : 0.85
? Max PIN 5-6
7. Return Loss :10 dB Min @ 100KHz to 2MHz
8. Isolation HI-POT : 1500 Vrms 60 SEC PIN 1-2 to 3-4,1-2 to 5-6,3-4 to 5-6
B. Schematic & Mechanical :


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn