Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTD435-62-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LTD435-62-XX
Description  TRIPLE DIGIT LED DISPLAY (0.39 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD435-62-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LTD435-62-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD435-62-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 5/7
If=20mA
If=20mA
If=20mA
If=10mA
Unit
volt
mcd
nm
nm
Vf
Symbol
λp
△λ
Iv
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Test Condition
Vr=5V
μA
Ir
IV-M
LTD435/62-XX
Parameter
PART NO.
Luminous Intensity Per Chip
Peak Wavelength
Forward Voltage Per Chip
Spectral Line Half-Width
Reverse Current Any Chip
Luminous Intensity Matching Ratio
Test Condition For Each Parameter


Similar Part No. - LTD435-62-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD435-65-XX LIGITEK-LTD435-65-XX Datasheet
127Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-KP38 LIGITEK-LTD435-65-XX-KP38 Datasheet
130Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-KP38-PF LIGITEK-LTD435-65-XX-KP38-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-RP38-PF LIGITEK-LTD435-65-XX-RP38-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-RP4-PF LIGITEK-LTD435-65-XX-RP4-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
More results

Similar Description - LTD435-62-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD435-65-XX-RP4-PF LIGITEK-LTD435-65-XX-RP4-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-RP38-PF LIGITEK-LTD435-65-XX-RP38-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-KP38 LIGITEK-LTD435-65-XX-KP38 Datasheet
130Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX-KP38-PF LIGITEK-LTD435-65-XX-KP38-PF Datasheet
139Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-65-XX LIGITEK-LTD435-65-XX Datasheet
127Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LTD435-66-XX-KP38 LIGITEK-LTD435-66-XX-KP38 Datasheet
183Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com