Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTD425-62-XX-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LTD425-62-XX-PF
Description  TRIPLE DIGIT LED DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD425-62-XX-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LTD425-62-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LTD425-62-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5/9
30
IF
Forward Current Per Chip
LTD4262-XX-PF
LTD4252-XX-PF
Operating Temperature
Storage Temperature
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Reverse Current Per Any Chip
Power Dissipation Per Chip
PART NO
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Anode
CHIP
Material
GaP
Emitted
Green
common
cathode
or anode
Common
Cathode
565
λP
(nm)
Ir
Tstg
Topr
PD
IFP
2.6
Max.
Electrical
1.7
Min.
30
△λ
(nm)
Typ.
2.1
Vf(v)
Typ.
Iv(mcd)
Min.
1.35
2.35
2:1
IV-M
10
-25 ~ +85
-25 ~ +85
100
120
μA
mW
mA
mA
Parameter
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Symbol
Ratings
G
UNIT
Page
PART NO. LTD425/62-XX-PF


Similar Part No. - LTD425-62-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD425-65-XX-PF LIGITEK-LTD425-65-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.4Inch)
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
More results

Similar Description - LTD425-62-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD205-62-XX-S1-PF LIGITEK-LTD205-62-XX-S1-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD315-61-XX-PF LIGITEK-LTD315-61-XX-PF Datasheet
146Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-PF LIGITEK-LTD315-63-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD415-64-XX-PF LIGITEK-LTD415-64-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-62-XX-PF LIGITEK-LTD315-62-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP4-PF LIGITEK-LTD315-65-XX-RP4-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-RP12-PF LIGITEK-LTD315-63-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP12-PF LIGITEK-LTD315-65-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-66-XX-PF LIGITEK-LTD315-66-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com