Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTD385-63-XX-RP75-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LTD385-63-XX-RP75-PF
Description  TRIPLE DIGIT LED DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD385-63-XX-RP75-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LTD385-63-XX-RP75-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LTD385-63-XX-RP75-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Min.
0.8
Electrical
Part Selection And Application Information(Ratings at 25
)
PART NO
LTD3853-XX/RP75-PF
LTD3863-XX/RP75-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Cathode
or Anode
Common
Anode
Common
Cathode
CHIP
Material
GaAsP/GaP
Yellow
Emitted
585
35
λP
(nm)
△λ
(nm)
2.1
1.7
2.6
Vf(v)
Typ.
Min.
Max.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Operating Temperature
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Storage Temperature
Symbol
Parameter
IFP
PD
Topr
Tstg
Ir
IF
-25 ~ +85
-25 ~ +85
10
60
80
20
Y
Ratings
1.35
2:1
Typ.
Iv(mcd)
IV-M
UNIT
μA
mA
mW
mA
Page 4/8
PART NO. LTD385/63-XX/RP75-PF


Similar Part No. - LTD385-63-XX-RP75-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD385-62-XX-RP75-PF LIGITEK-LTD385-62-XX-RP75-PF Datasheet
158Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD385-64-XX-RP75-PF LIGITEK-LTD385-64-XX-RP75-PF Datasheet
158Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results

Similar Description - LTD385-63-XX-RP75-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD205-62-XX-S1-PF LIGITEK-LTD205-62-XX-S1-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD425-62-XX-PF LIGITEK-LTD425-62-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD315-61-XX-PF LIGITEK-LTD315-61-XX-PF Datasheet
146Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-PF LIGITEK-LTD315-63-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD415-64-XX-PF LIGITEK-LTD415-64-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-62-XX-PF LIGITEK-LTD315-62-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP4-PF LIGITEK-LTD315-65-XX-RP4-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-RP12-PF LIGITEK-LTD315-63-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP12-PF LIGITEK-LTD315-65-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-66-XX-PF LIGITEK-LTD315-66-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com