Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTD315/62-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part No. LTD315/62-XX-PF
Description  TRIPLE DIGIT LED DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LTD315/62-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/8
30
IF
Forward Current Per Chip
LTD3162-XX-PF
LTD3152-XX-PF
Operating Temperature
Storage Temperature
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Reverse Current Per Any Chip
Power Dissipation Per Chip
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Anode
CHIP
Material
GaP
Emitted
Green
common
cathode
or anode
Common
Cathode
565
λP
(nm)
Ir
Tstg
Topr
PD
IFP
2.6
Max.
Electrical
1.7
Min.
30
△λ
(nm)
Typ.
2.1
Vf(v)
Typ.
Iv(mcd)
Min.
1.0
2.0
2:1
IV-M
10
-25 ~ +85
-25 ~ +85
100
120
μA
mW
mA
mA
Parameter
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Symbol
Ratings
G
UNIT
Page
PART NO. LTD315/62-XX-PF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn