Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTD315-61-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part No. LTD315-61-XX-PF
Description  TRIPLE DIGIT LED DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

LTD315-61-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
14.0
(0.551")
10.16
(0.4")
DIG.3
6.1
±0.5
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
ψ1.0
LTD315/61-XX-PF
LIGITEK
Ø 0.51
TYP
2.54X5=
12.7(0.5")
PIN NO.1
DIG.1
9.14
(0.36")
DIG.2
B
DP
D
F
E
G
C
A
22.5
(0.886")
PART NO.
Package Dimensions
LTD315/61-XX-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
7.25
(0.283")
Page 1/8


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn